Part Number Hot Search : 
TA1230Z T74FCT SC1815 TC649EUA SPLCGXX 4805D PT314 2000W
Product Description
Full Text Search
 

To Download MR2501 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mr2500 - mr2512 automotive rectifier diodes prv : 50 - 1200 volts io : 25 amperes features : * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop mechanical data : * case : molded plastic * epoxy : ul94v-o rate flame retardant * terminals : terminal are readily solderable * polarity : cathode polarity band * mounting position : any * weight : 1.8 grams maximum ratings and electrical characteristics rating at 25 c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol mr 2500 mr 2501 mr 2502 mr 2504 mr 2506 mr 2508 mr 2510 mr 2512 unit maximum repetitive peak reverse voltage v rrm 50 100 200 400 600 800 1000 1200 volts maximum rms voltage v rms 35 70 140 280 420 560 700 840 volts maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 1200 volts average rectified forward current tc = 150 c i f(av) 25 amps. peak forward surge current single half sine wave superimposed on rated load (jedec method) i fsm 400 amps. maximum forward voltage at i f = 25 amps. v f 1.0 volts maximum dc reverse current ta = 25 c i r 5.0 m a at rated dc blocking voltage ta = 100 c i r(h) 1.0 ma thermal resistance (note 1) r q jc 0.8 c/w junction temperature range t j - 65 to + 175 c storage temperature range t stg - 65 to + 175 c marking code note : (1) thermal resistance from junction to case. single side cooled. update : october 19, 2000 rating dimensions in inches and ( millimeter ) 0.342 (8.69) 0.332 (8.43) 0.175 (4.45) 0.165 (4.19) 0.246 (6.25) 0.234 (5.94) 0.222 (5.64) 0.218 (5.54) 5 nom .com .com .com .com 4 .com u datasheet
rating and characteristic curves ( mr2500 - mr2512 ) fig.1 - derating curve for output fig.2 - maximum non-repetitive peak rectified current forward surge current 120 130 140 150 160 170 180 190 1 2 4 6 10 20 40 60 100 case temperature, ( c) number of cycles at 60hz fig.3 - typical forward characteristics fig.4 - typical reverse characteristics 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 forward voltage, volts 20 15 10 5 25 10 1.0 400 0 500 0 300 200 100 10 80 1 0.01 100 0.1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes ta = 25 c ta = 100 c t j = 25 c ta = 25 c pulse width = 300 m s 2% duty cycle 0.1 .com .com .com .com 4 .com u datasheet


▲Up To Search▲   

 
Price & Availability of MR2501

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X